Part Number Hot Search : 
TM02129 Y100E HS2262 SOT23 365S8GE 8F320 FQT1N80 08010
Product Description
Full Text Search
 

To Download PTFAM1301A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Plug Type Fixed Attenuator
PTFA Series
Product Description
Oplink Plug Type Fixed Attenuator family offers high performance of variously fixed attenuation for industrial standard connections. Wide attenuation range, extremely low return loss, polarization insensitive, and excellent repeatability. With our highly integrated design and manufacturing capability, Oplink can also provide customized products to help our customer for better opportunities. Our attenuator complies with industry green initiative such as ROHS.
Performance Specifications
Parameters Min. Typical Max Unit
Features
Wide Attenuation Range Low Return Loss Low PDL
nm 0.5 10% 45 50 60 -40 85 C dB dB dB 1310 40
Operating Wavelength Range 0~5 dB Attenuation >5 dB Attenuation PC Type Return Loss Operating Temperature UPC Type APC Type
1550 40 1625 25
Polarization Insensitive Various connector type Highly Reliable
Attenuation Accuracy
Applications
Note: Tested at 1310nm , 1550nm and 1625nm
Optical Telecommunication Network CATV Network Testing Device Accessory
R02.20090312
Plug Type Fixed Attenuator
PTFA Series
Mechanical Drawing / Package Dimensions (dimension in mm)
FC/PC(APC)
30.1(Ref.) 26.1(Ref.)
MU
2.05(Ref.)
SC/PC(Metal, Plastic), SC/APC
46335 Landing Pkwy Fremont, CA 94538 Tel: (510) 933-7200 Fax: (510) 933-7300 Email: Sales@Oplink.com * www.oplink.com
2(Ref.)
O2.4990.0005
O10.0(Ref.)
M8X0.75
LC
34(Ref.) 36(Ref.)
Ordering Information
12.8(Ref.)
9.0(Ref.)
PTFA
0
0
0
0
Material
Metal = M Plastic = P
Wavelength
1310nm = 13 1550nm = 15 1625nm = 16 1310/1550nm = 35 1550/1625nm = 56 1310/1550/1625nm = 36
Attenuation Value
1dB = 01 2dB = 02 3dB = 03 4dB = 04 5dB = 05 6dB = 06 7dB = 07 8dB = 08 9dB = 09 10dB = 10 . . 20dB = 20
Return Loss
30dB = A 45dB = B 50dB = C 55dB = D 60dB = E 65dB = F
Connector Type
FC/PC = 2 FC/UPC = 3 FC/APC = 4 SC/PC = 5 SC/UPC = 6 SC/APC = 7 ST/PC = 8 LC/PC = 9 MU/PC = A LC/APC = B
R02.20090312
Product Lines: Mux/Demux Switching/Routing Coupling/Splitting Monitoring/Conditioning Amplification Transmission Interconnect RGB Laser Modules


▲Up To Search▲   

 
Price & Availability of PTFAM1301A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X